Part Number Hot Search : 
M4003 ADV3219 ESD5Z12 K2696 4CBTLV3 1S121 CS432XU 14000
Product Description
Full Text Search
 

To Download XFL2005-221ME- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C xfl2005 document 779-1 document 779-1 revised 09/01/15 inductance 2 dcr (ohms) 3 srf typ 4 i sat (a) 5 i rms (a) 6 part number 1 20% (h) nom max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise xfl2005-151me_ 0.15 0.085 0.098 590 1.05 1.55 1.90 1.25 1.60 xfl2005-221me_ 0.22 0.111 0.128 480 0.72 1.20 1.50 1.13 1.48 xfl2005-331me_ 0.33 0.144 0.166 380 0.65 1.05 1.30 1.00 1.30 xfl2005-471me_ 0.47 0.177 0.204 275 0.60 0.97 1.20 0.95 1.25 xfl2005-681me_ 0.68 0.215 0.247 220 0.50 0.75 0.95 0.80 1.05 designers kit c434 contains 5 of each value and 5 of each xfl2006 core material composite core and winding loss see www.coilcraft.com/coreloss environmental rohs compliant, halogen free terminations rohs compliant tin-silver-copper (96.5/3/0.5) over tin over nickel over silver-platinum. other terminations available. weight 8.4 mg ambient temperature C40c to +855c with (40c rise) i rms current. maximum part temperature +125c (ambient + temp rise). derating . storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 2000/7 reel; 7500/13 reel plastic tape: 8 mm wide, 0.28 mm thick, 4 mm pocket spacing, 0.76 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . ? lowest profle, ultra-miniature, magnetically shielded power inductor; only 0.5 mm high, 2 mm 2 mm footprint ? soft saturation 1. when ordering, please specify termination and packaging codes: xfl2005-471m ec termination: e = rohs compliant tin-silver-copper (96.5/3/0.5) over tin over nickel over silver-platinum . special order: s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape 2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked 7500 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at 25c that causes the specifed inductance drop from its value without current. click for temperature derating information . 6. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information . 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. dimensions are in inches mm 0.079 0.008 2,0 0,2 0.075 0.008 1,9 0,2 0.020 0,50 max r ecommended land p atter n 0.057 1,45 0.087 2,2 0.041 1,04 0.065 1,65 0.018 0,45 min typ 0.014 0,35 0.035 0,90
shielded power inductor C xfl2005 document 779-2 document 779-2 revised 09/01/15 l vs current l vs frequency 0 0.05 0.10 0.20 0.15 current (a) inductance (h) 0.15 h 0 0.5 1.0 1.5 2.0 3.0 2.5 0 0.1 0.2 0.3 current (a) inductance (h) 0.22 h 0 0.5 1.0 1.5 2.0 2.5 0 0.1 0.2 0.3 0.4 0.5 current (a) inductance (h) 0 0.25 0.50 0.75 1.00 2.00 1.25 1.50 1.75 0.33 h 0 0.1 0.2 0.3 0.4 0.5 0.6 current (a) inductance (h) 0.47 h 0 0.2 0.4 0.6 0.8 1.0 1.2 1.6 1.4 0 0.6 0.4 0.2 0.8 1.0 current (a) inductance (h) 0.68 h 0 0.4 0.3 0.2 0.1 0.6 0.5 0.8 0.7 1.0 0.9 esr vs frequency 0 5 10 15 20 25 equiv alent series resistance (ohms) 0.1 1 100 10 frequenc y (mhz) 0.15 h 0.47 h 0.68 h 0.33 h 0.22 h 0.15 h 0.47 h 0.33 h 0.22 h inductance (h) 0.1 1 1000 10 100 frequenc y (mhz) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 1 0.68 h


▲Up To Search▲   

 
Price & Availability of XFL2005-221ME-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X